Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5644A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 138 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: MPC5644A
Rev. 7, Jan 2012
© Freescale Semiconductor, Inc., 2009–2012. All rights reserved.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
MPC5644A
324 (23 x 23 mm)
176 (24 x 24 mm)
208 (17 x 17 mm)
MPC5644A Microcontroller
Data Sheet
•
150 MHz e200z4 Power Architecture core
— Variable length instruction encoding (VLE)
— Superscalar architecture with 2 execution units
— Up to 2 integer or floating point instructions per cycle
— Up to 4 multiply and accumulate operations per cycle
•
Memory organization
— 4 MB on-chip flash memory with ECC and Read
While Write (RWW)
— 192 KB on-chip SRAM with standby functionality
(32 KB) and ECC
— 8 KB instruction cache (with line locking),
configurable as 2- or 4-way
— 14 + 3 KB eTPU code and data RAM
—5
 4 crossbar switch (XBAR)
— 24-entry MMU
— External Bus Interface (EBI) with slave and master
port
•
Fail Safe Protection
— 16-entry Memory Protection Unit (MPU)
— CRC unit with 3 sub-modules
— Junction temperature sensor
•
Interrupts
— Configurable interrupt controller (with NMI)
— 64-channel DMA
•
Serial channels
—3
 eSCI
—3
 DSPI (2 of which support downstream Micro
Second Channel [MSC])
—3
 FlexCAN with 64 messages each
—1
 FlexRay module (V2.1) up to 10 Mbit/s with dual
or single channel and 128 message objects and ECC
•1
 eMIOS: 24 unified channels
•1
 eTPU2 (second generation eTPU)
— 32 standard channels
—1
 reaction module (6 channels with three outputs
per channel)
•
2 enhanced queued analog-to-digital converters
(eQADCs)
— Forty 12-bit input channels (multiplexed on 2 ADCs);
expandable to 56 channels with external multiplexers
— 6 command queues
— Trigger and DMA support
— 688 ns minimum conversion time
•
On-chip CAN/SCI/FlexRay Bootstrap loader with Boot
Assist Module (BAM)
•
Nexus
— Class 3+ for the e200z4 core
— Class 1 for the eTPU
•
JTAG (5-pin)
•
Development Trigger Semaphore (DTS)
— Register of semaphores (32-bits) and an identification
register
— Used as part of a triggered data acquisition protocol
— EVTO pin is used to communicate to the external tool
•
Clock generation
— On-chip 4–40 MHz main oscillator
— On-chip FMPLL (frequency-modulated phase-locked
loop)
•
Up to 120 general purpose I/O lines
— Individually programmable as input, output or special
function
— Programmable threshold (hysteresis)
•
Power reduction mode: slow, stop and stand-by modes
•
Flexible supply scheme
— 5 V single supply with external ballast
— Multiple external supply: 5 V, 3.3 V and 1.2 V
•
Packages
—176 LQFP
—208 MAPBGA
—324 TEPBGA
496-pin CSP (calibration tool only)


Similar Part No. - MPC5644A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC5644A NXP-MPC5644A Datasheet
208Kb / 2P
32-bit MCUs for transmission applications
REV 1
More results

Similar Description - MPC5644A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
logo
Freescale Semiconductor...
SPC5644AF0MVZ1 FREESCALE-SPC5644AF0MVZ1 Datasheet
2Mb / 138P
MPC5644A Microcontroller Data Sheet
logo
Texas Instruments
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com