Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
94
6T128kpperase CC P
128 KB Block Pre-program and Erase
Time
—
1500
2600
7500
ms
7T256kpperase CC P
256 KB Block Pre-program and Erase
Time
—
3000
5200
15000
ms
8Tpsrt
SR —
Program suspend request rate5
100
—
—
—
s
9Tesrt
SR —
Erase suspend request rate 6
10
ms
1 Typical program and erase times assume nominal supply values and operation at 25 oC. All times are subject to
change pending device characterization.
2 Initial factory condition: < 100 program/erase cycles, 25 oC, typical supply voltage, 80 MHz minimum system
frequency.
3 The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is
characterized but not guaranteed.
4 Page size is 128 bits (4 words).
5 Time between program suspend resume and the next program suspend request.
6 Time between erase suspend resume and the next erase suspend request.
Table 34. Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
P/E
CC
C
Number of program/erase
cycles per block for 16 KB,
48 KB, and 64 Kbyte
blocks over the operating
temperature range (TJ)
—
100,000
—
P/E
cycles
P/E
CC
C
Number of program/erase
cycles per block for
128 Kbyte and 256 Kbyte
blocks over the operating
temperature range (TJ)
—
1,000
100,000
P/E
cycles
Data
Retention
CC
C
Minimum data retention at
85
C average ambient
temperature1
1 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
Blocks with 0 – 1,000
P/E cycles
20
—
years
Blocks with 1,001 –
10,000 P/E cycles
10
—
years
Blocks with 10,001 –
100,000 P/E cycles
5
—
years
Table 33. Flash program and erase specifications1
#Symbol
C
Parameter
Min.
Value
Typical
Value
Initial
Max2
Max3
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com