Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
91
Table 29. eQADC single ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
OFFNC
CC
C
Offset error without calibration
0
160
Counts
OFFWC
CC
C
Offset error with calibration
–4
4
Counts
GAINNC
CC
C
Full scale gain error without calibration
–160
0
Counts
GAINWC
CC
C
Full scale gain error with calibration
–4
4
Counts
IINJ
CC
T
Disruptive input injection current 1, 2, 3, 4
1 Below disruptive current conditions, the channel being stressed has conversion values of 0x3FF for analog
inputs greater then VRH and 0x0 for values less then VRL. Other channels are not affected by non-disruptive
conditions.
2 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions
within the limit do not affect device reliability or cause permanent damage.
3 Input must be current limited to the value specified. To determine the value of the required current-limiting
resistor, calculate resistance values using VPOSCLAMP = VDDA + 0.5 V and VNEGCLAMP = – 0.3 V, then use
the larger of the calculated values.
4 Condition applies to two adjacent pins at injection limits.
–3
3
mA
EINJ
CC
T
Incremental error due to injection current5,6
5 Performance expected with production silicon.
6 All channels have same 10 k <Rs<100k; Channel under test has Rs=10 k; IINJ=IINJMAX,IINJMIN
–4
4
Counts
TUE8
CC
C
Total unadjusted error (TUE) at 8 MHz
–4
46
Counts
TUE16
CC
C
Total unadjusted error at 16 MHz
–8
8
Counts
Table 30. eQADC differential ended conversion specifications (operating)
Symbol
C
Parameter
Value
Unit
min
max
GAINVGA11
CC
–
Variable gain amplifier accuracy (gain=1)2
CC
C
INL
8 MHz
ADC
–4
4
Counts
3
CC
C
16 MHz
ADC
–8
8
Counts
CC
C
DNL
8 MHz
ADC
–34
34
Counts
CC
C
16 MHz
ADC
–34
34
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com