Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
21
Figure 1. MPC5644A series block diagram
ADC
– Analog to Digital Converter
ADCi
– ADC interface
AMux
– Analog Multiplexer
BAM
– Boot Assist Module
CRC
– Cyclic Redundancy Check unit
DEC
– Decimation Filter
DTS
– Development Trigger Semaphore
DSPI
– Deserial/Serial Peripheral Interface
EBI
– External Bus Interface
ECSM
– Error Correction Status Module
eDMA
– Enhanced Direct Memory Access
eMIOS – Enhanced Modular Input Output System
eSCI
– Enhanced Serial Communications Interface
eTPU2 – Second gen. Enhanced Time Processing Unit
FlexCAN– Controller Area Network (FlexCAN)
FMPLL – Frequency-Modulated Phase Locked Loop
JTAG
– IEEE 1149.1 test controller
MMU
– Memory Management Unit
MPU
– Memory Protection Unit
PMC
– Power Management Controller
PIT
– Periodic Interrupt Timer
RCOSC – low-speed RC oscillator
REACM – Reaction module
SIU
– System Integration Unit
SPE
– Signal Processing Extension
SRAM
– Static RAM
STM
– System Timer Module
SWT
– Software Watchdog Timer
VGA
– Variable Gain Amplifier
VLE
– Variable Length (instruction) Encoding
XOSC
– XTAL Oscillator
LEGEND
eMIOS
24
Channel
3 KB Data
RAM
14 KB Code
RAM
eTPU2
32
Channel
ADCi DEC
x2
VGA
AMux
4 MB
Flash
192 KB
SRAM
MPU
Crossbar Switch
Interrupt
Controller
eDMA
64 Channel
SPE
VLE
MMU
8 KB I-cache
Power Architecture
e200z4
TM
JTAG
Nexus
IEEE-ISTO
5001-2003/2010
FlexRay
Nexus Class 3+
Nexus
I/O Bridge
Analog PLL
RCOSC
XOSC
Voltage Regulator
Standby
Regulator
with Switch
M4
M0
M6
M7
S0
S2
S7
S1
M1
Class 1
ECSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com