Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
85
3.9
I/O pad current specifications
The power consumption of an I/O segment depends on the usage of the pins on a particular segment. The power consumption
is the sum of all output pin currents for a particular segment. The output pin current can be calculated from Table 22 based on
the voltage, frequency, and load on the pin. Use linear scaling to calculate pin currents for voltage, frequency, and load
parameters that fall outside the values given in Table 22.
Table 22. I/O pad average IDDE specifications1
1 Numbers from simulations at best case process, 150 °C.
Pad
Type
Symbol
C
Period
(ns)
Load2
(pF)
2 All loads are lumped.
VDDE
(V)
Drive/Slew
Rate Select
IDDE Avg
(mA)3
3 Average current is for pad configured as output only.
IDDE
RMS
(mA)
Slow
IDRV_SSR_HV
CC
D
37
50
5.5
11
9
—
CC
D
130
50
5.5
01
2.5
—
CC
D
650
50
5.5
00
0.5
—
CC
D
840
200
5.5
00
1.5
—
Medium
IDRV_MSR_HV
CC
D
24
50
5.5
11
14
—
CC
D
62
50
5.5
01
5.3
—
CC
D
317
50
5.5
00
1.1
—
CC
D
425
200
5.5
00
3
—
Fast
IDRV_FC
CC
D
10
50
3.6
11
22.7
68.3
CC
D
10
30
3.6
10
12.1
41.1
CC
D
10
20
3.6
01
8.3
27.7
CC
D
10
10
3.6
00
4.44
14.3
CC
D
10
50
1.98
11
12.5
31
CC
D
10
30
1.98
10
7.3
18.6
CC
D
10
20
1.98
01
5.42
12.6
CC
D
10
10
1.98
00
2.84
6.4
MultiV
(High
Swing
Mode)
IDRV_MULTV_
HV
CC
D
20
50
5.5
11
9
—
CC
D
30
50
5.5
01
6.1
—
CC
D
117
50
5.5
00
2.3
—
CC
D
212
200
5.5
00
5.8
—
MultiV
(Low
Swing
Mode)
IDRV_MULTV_
HV
CC
D
30
30
5.5
11
3.4
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com