Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
84
4 VFLASH is only available in the calibration package.
5 Power supply for multi-voltage pads cannot be below 4.5 V when in low-swing mode.
6 The slew rate (SRC) setting must be 0b11 when in low-swing mode.
7 While in low-swing mode there are no restrictions in transitioning to high-swing mode.
8 Pin in low-swing mode can accept a 5 V input.
9 All VOL/VOH values 100% tested with ± 2 mA load except where noted.
10 Bypass mode, system clock at 1 MHz (using system clock divider), PLL shut down, CPU running simple executive
code, 4 x ADC conversion every 10 ms, 2 x PWM channels 1 kHz, all other modules stopped.
11 Bypass mode, system clock at 1 MHz (using system clock divider), CPU stopped, PIT running, all other modules
stopped.
12 This current will be consumed for external regulation and internal regulation, when 3.3V regulator is switched off by
shadow flash
13 If 1.2V and 3.3V internal regulators are on,then iddreg=70mA
If supply is external that is 3.3V internal regulator is off, then iddreg=15mA
14 Power requirements for each I/O segment are dependent on the frequency of operation and load of the I/O pins on a
particular I/O segment, and the voltage of the I/O segment. See Table 22 for values to calculate power dissipation for
specific operation. The total power consumption of an I/O segment is the sum of the individual power consumptions
for each pin on the segment.
15 Absolute value of current, measured at VIL and VIH.
16 Weak pull up/down inactive. Measured at VDDE = 3.6 V and VDDEH = 5.25 V. Applies to fast, slow, and medium pads.
17 Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately one-half
for each 8 to 12 oC, in the ambient temperature range of 50 to 125 oC. Applies to analog pads.
18 Applies to CLKOUT, external bus pins, and Nexus pins.
19 Applies to the FCK, SDI, SDO, and SDS pins.
20 This programmable option applies only to eQADC differential input channels and is used for biasing and sensor
diagnostics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com