Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
78
3.8
DC electrical specifications
Table 20. Power sequence pin states (medium, slow, and multi-voltage pads)
VDDEH
VDD
Pad State
LOW
X
LOW
VDDEH
LOW
HIGH IMPEDANCE
VDDEH
VDD
FUNCTIONAL
Table 21. DC electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
min
typ
max
VDD
SR
— Core supply voltage
—
1.14
1.32
V
VDDE
SR
— I/O supply voltage
—
1.62
3.6
V
VDDEH
SR
— I/O supply voltage
—
3.0
5.25
V
VDDE-EH
SR
— I/O supply voltage
—
3.0
5.25
V
VRC33
SR
— 3.3 V regulated
voltage1
—3.0
—
3.6
V
VDDA
SR
— Analog supply voltage
—
4.752
—5.25
V
VINDC
SR
— Analog input voltage
—
VSSA-0.3
—
VDDA+0.3
V
VSS – VSSA
SR
— VSS differential
voltage
—
–100
—
100
mV
VRL
SR
— Analog reference low
voltage
—VSSA
—VSSA+0.1
V
VRL – VSSA
SR
— VRL differential
voltage
—
–100
—
100
mV
VRH
SR
— Analog reference high
voltage
—VDDA-0.1
—
VDDA
V
VRH – VRL
SR
— VREF differential
voltage
—
4.75
—
5.25
V
VDDF
SR
— Flash operating
voltage3
—
1.14
—
1.32
V
VFLASH4
SR
— Flash read voltage
—
3.0
—
3.6
V
VSTBY
SR
— SRAM standby
voltage
Keep-out Range:
1.2V–2V
Unregulated
mode
0.95
—
1.2
V
Regulated
mode
2.0
—
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com