Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
MPC5644A Microcontroller Data Sheet, Rev. 7
Freescale Semiconductor
89
VIHEXT
CC
T
EXTAL input high voltage
Crystal Mode12
Vxtal
+ 0.4
—V
T
External
Reference12, 13
VRC33
/2 +
0.4
VRC33
VILEXT
CC
T
EXTAL input low voltage
Crystal Mode12
—Vxtal -
0.4
V
T
External
Reference12, 13
0VRC33
/2 -
0.4
—
CC
T
XTAL load capacitance10
4MHz
5
30
pF
8MHz
5
26
12 MHz
5
23
16 MHz
5
19
20 MHz
5
16
40 MHz
5
8
tlpll
CC
P
PLL lock time 10, 14
——
200
s
tdc
CC
T
Duty cycle of reference
—40
60
%
fLCK
CC
T
Frequency LOCK range
—
–6
6
% fsys
fUL
CC
T
Frequency un-LOCK range
—
–18
18
% fsys
fCS
fDS
CC
D
Modulation Depth
Center spread
±0.25
±4.0
% fsys
D
Down Spread
–0.5
–8.0
fMOD
CC
D
Modulation frequency15
——
100
kHz
1 Considering operation with PLL not bypassed.
2 All internal registers retain data at 0 Hz.
3 “Loss of Reference Frequency” window is the reference frequency range outside of which the PLL is in self clocked
mode.
4 Self clocked mode frequency is the frequency that the PLL operates at when the reference frequency falls outside
the fLOR window.
5 fVCO self clock range is 20–150 MHz. fSCM represents fSYS after PLL output divider (ERFD) of 2 through 16 in
enhanced mode.
6 This value is determined by the crystal manufacturer and board design.
7 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum
fSYS. Measurements are made with the device powered by filtered supplies and clocked by a stable external clock
signal. Noise injected into the PLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency
increase the CJITTER percentage for a given interval.
Table 26. PLLMRFM electrical specifications
(VDDPLL = 1.08 V to 3.6 V, VSS = VSSPLL = 0 V, TA = TL to TH) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com