Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
CAL_WE[1]/BE[1]
Calibration write/byte enable
P
01
342
O
VDDE12
Fast
—/—
—
—
—
CAL_OE
Calibration output enable
P
01
342
O
VDDE12
Fast
—/—
—
—
—
CAL_TS
CAL_ALE
Calibration transfer start
Address Latch Enable
P
A
01
10
343
O
O
VDDE12
Fast
—/—
—
—
—
CAL_MDO[4]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[4] / —
—
—
—
CAL_MDO[5]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[5] / —
—
—
—
CAL_MDO[6]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[6] / —
—
—
—
CAL_MDO[7]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[7] / —
—
—
—
CAL_MDO[8]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[8] / —
—
—
—
CAL_MDO[9]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[9] / —
—
—
—
CAL_MDO[10]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[10] /
—
——
—
CAL_MDO[11]
Calibration Nexus Message
Data Out
P
01
—
O
VDDE12
Fast
—
CAL_MDO[11] /
—
——
—
NEXUS
EVTI
Nexus event in
P
01
231
I
VDDEH7
MultiV12,14
— / Up
EVTI / Up
116
E15
H20
EVTO
Nexus event out
P
01
227
O
VDDEH7
MultiV12,14,15
—
EVTO / —
120
D15
G20
MCKO
Nexus message clock out
P
—
21911
OVRC33
Fast
—MCKO / —
14
F15
F1
MDO016
Nexus message data out
P
01
220
O
VRC33
Fast
—
MDO[0] / —
17
A14
F3
MDO116
Nexus message data out
P
01
221
O
VRC33
Fast
—
MDO[1] / —
18
B14
G2
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com