Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5644A Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC5644A
Description  MPC5644A Microcontroller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5644A Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5644A Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5644A Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
BOOTCFG[1]
IRQ[3]
ETRIG3
GPIO[212]
Boot Config. Input
External Interrupt Request
eQADC Trigger Input
GPIO
P
A1
A2
G
001
010
100
000
212
I
I
I
I/O
VDDEH6
Slow
— / Down
BOOTCFG[1] /
Down
85
M15
U21
WKPCFG
NMI
DSPI_B_SOUT
GPIO[213]
Weak Pull Config. Input
Non-Maskable Interrupt
DSPI D data output
GPIO
P
A1
A2
G
001
010
100
000
213
I
I
O
I/O
VDDEH6
Medium
— / Up
WKPCFG / Up
86
L15
AA20
External Bus Interface
CS[0]
ADDR[8]
GPIO[0]
External chip selects
External address bus
GPIO
P
A1
G
01
10
00
0O
I/O
I/O
VDDE2
Fast
— / Up
— / Up
—
—
G1
CS[1]
ADDR9
GPIO[1]
External chip selects
External address bus
GPIO
P
A1
G
01
10
00
1O
I/O
I/O
VDDE2
Fast
— / Up
— / Up
—
—
H1
CS[2]
ADDR10
WE[2]/BE[2]
CAL_WE[2]/BE[2]
GPIO[2]
External chip selects
External address bus
Write/byte enable
Cal. bus write/byte enable
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
2O
I/O
O
O
I/O
VDDE2
Fast
— / Up
— / Up
—
—
H2
CS[3]
ADDR11
WE[3]/BE[3]
CAL_WE[3]/BE[3]
GPIO[3]
External chip selects
External address bus
Write/byte enable
Cal bus write/byte enable
GPIO
P
A1
A2
A3
G
0001
0010
0100
1000
0000
3O
I/O
O
O
I/O
VDDE2
Fast
— / Up
— / Up
—
—
H4
ADDR12
GPIO[8]
External address bus
GPIO
P
G
01
00
8
I/O
I/O
VDDE3
Fast
— / Up
— / Up
—
—
N2
ADDR13
WE[2]
GPIO[9]
External address bus
Write/byte enable
GPIO
P
A2
G
001
100
000
9
I/O
O
I/O
VDDE3
Fast
— / Up
— / Up
—
—
N1
ADDR14
WE[3]
GPIO[10]
External address bus
Write/byte enables
GPIO
P
A2
G
001
100
000
10
I/O
O
I/O
VDDE3
Fast
— / Up
— / Up
—
—
P1
ADDR15
GPIO[11]
External address bus
GPIO
P
G
01
00
11
I/O
I/O
VDDE3
Fast
— / Up
— / Up
—
—
P2
Table 3. MPC5644A signal properties (continued)
Name
Function1
P
A
G2
PCR
PA
Field3
PCR4
I/O
Type
Voltage5 /
Pad Type6
Status7
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com