Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG1 Datasheet (PDF) - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet PDF - Freescale Semiconductor, Inc
Part # SC667201MMG1
Download  SC667201MMG1 Download
File Size   1167.4 Kbytes
Page   120 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Qorivva MPC5642A Microcontroller

SC667201MMG1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC667201MMG1 Datasheet PDF - Freescale Semiconductor, Inc

Part # SC667201MMG1
Download  SC667201MMG1 Click to download

File Size   1167.4 Kbytes
Page   120 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Qorivva MPC5642A Microcontroller

SC667201MMG1 Datasheet (HTML) - Freescale Semiconductor, Inc


SC667201MMG1 Product details

Description
This microcontroller is a 32-bit system-on-chip (SoC) device intended for use in mid-range engine control and automotive transmission control applications.
It is compatible with devices in Freescale’s MPC5600 family and offers performance and capabilities beyond the MPC5632M devices.
The microcontroller’s e200z4 host processor core is built on the Power Architecture® technology and designed specifically for embedded applications. In addition to the Power Architecture technology, this core supports instructions for digital signal processing (DSP).
The device has two levels of memory hierarchy consisting of 8 KB of instruction cache, backed by a 128 KB on-chip SRAM and a 2 MB internal flash memory.
For development, the device includes a calibration bus that is accessible only when using the Freescale VertiCal Calibration System.

• 150 MHz e200z4 Power Architecture core
   – Variable length instruction encoding (VLE)
   – Superscalar architecture with 2 execution units
   – Up to 2 integer or floating point instructions per cycle
   – Up to 4 multiply and accumulate operations per cycle
• Memory organization
   – 2 MB on-chip flash memory with ECC and read-while-write (RWW)
   – 128 KB on-chip SRAM with standby functionality (32 KB) and ECC
   – 8 KB instruction cache (with line locking), configurable as 2- or 4-way
   – 14 + 3 KB eTPU code and data RAM
   – 4  4 crossbar switch (XBAR)
   – 24-entry MMU
• Fail Safe Protection
   – 16-entry Memory Protection Unit (MPU)
   – CRC unit with 3 submodules
   – Junction temperature sensor
• Interrupt
   – Configurable interrupt controller (INTC) with non-maskable interrupt (NMI)
   – 64-channel eDMA
• Serial channels
   – 3 eSCI modules
   – 3 DSPI modules (2 of which support downstream Micro Second Channel [MSC])
   – 3 FlexCAN modules with 64 message buffers each
   – 1 FlexRay module (V2.1) up to 10 Mbit/s w/dual or single channel, 128 message objects, ECC
• 1 eMIOS
   – 24 unified channels
• 1 eTPU2 (second generation eTPU)
   —32 standard channels
   – 1 reaction module (6 channels with 3 outputs per channel)
• 2 enhanced queued analog-to-digital converters (eQADCs)
   – Forty 12-bit input channels (multiplexed on 2 ADCs); expandable to 56 channels with external multiplexers
   – 6 command queues
   – Trigger and DMA support
   – 688 ns minimum conversion time
• On-chip CAN/SCI Bootstrap loader with Boot Assist Module (BAM)
• Nexus: Class 3+ for core; Class 1 for eTPU
• JTAG (5-pin)
• Development Trigger Semaphore (DTS)
   – EVTO pin for communication with external tool
• Clock generation
   – On-chip 4–40 MHz main oscillator
   – On-chip FMPLL (frequency-modulated phase-locked loop)
• Up to 112 general purpose I/O lines
   – Individually programmable as input, output or special function
   – Programmable threshold (hysteresis)
• Power reduction modes: slow, stop, and standby
• Flexible supply scheme
   – 5 V single supply with external ballast
   – Multiple external supply: 5 V, 3.3 V, and 1.2 V




Similar Part No. - SC667201MMG1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC667 SEMTECH-SC667 Datasheet
1Mb / 47P
7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC667EVB SEMTECH-SC667EVB Datasheet
1Mb / 47P
7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
SC667ULTRT SEMTECH-SC667ULTRT Datasheet
1Mb / 47P
7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
More results


Similar Description - SC667201MMG1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_12 Datasheet
739Kb / 136P
Qorivva Microcontroller
MPC5645S FREESCALE-MPC5645S Datasheet
1Mb / 146P
Qorivva MPC5645S Microcontroller Data Sheet
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
logo
Freescale Semiconductor...
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
Qorivva MPC5554 Family
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
Qorivva MPC560xB/C/D Family
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
Qorivva MPC560xBCD Family
logo
Texas Instruments
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com