Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667201MMG1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # SC667201MMG1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  SC667201MMG1 Datasheet HTML 1Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 2Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 3Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 4Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 5Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 6Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 7Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 8Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
4
Freescale Semiconductor
Introduction
External bus
None
16-bit (incl. 32-bit muxed)
Calibration bus
16-bit (incl. 32-bit muxed)
DMA
64 channels
DMA Nexus
None
Serial
3
eSCI_A
Yes (MSC uplink)
eSCI_B
Yes (MSC uplink)
eSCI_C
Yes
CAN
3
CAN_A
64 message buffers
CAN_B
64 message buffers
CAN_C
64 message buffers
SPI
3
Micro Second Channel (MSC) bus downlink
Yes
DSPI_A
No
DSPI_B
Yes (with LVDS)
DSPI_C
Yes (with LVDS)
DSPI_D
Yes
FlexRay
Yes
System timers
5 PIT channels
4 STM channels
1 Software Watchdog
eMIOS
24 channels
eTPU
32-channel eTPU2
Code memory
14 KB
Data memory
3 KB
Reaction module
6 channels
Interrupt controller
485 channels1
ADC
40 channels
ADC_0
Yes
ADC_1
Yes
Temperature sensor
Yes
Variable gain amplifier
Yes
Decimation filter
2
Sensor diagnostics
Yes
Table 1. MPC5642A device feature summary (continued)
Feature
MPC5642A
MPC5644A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com