Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS7541AJN Datasheet (PDF) - Sipex Corporation

HS7541AJN Datasheet PDF - Sipex Corporation
Part # HS7541AJN
Download  HS7541AJN Download
File Size   110.25 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit CMOS Multiplying DAC

HS7541AJN Datasheet (PDF)

Go To PDF Page Download Datasheet
HS7541AJN Datasheet PDF - Sipex Corporation

Part # HS7541AJN
Download  HS7541AJN Click to download

File Size   110.25 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 12-Bit CMOS Multiplying DAC

HS7541AJN Datasheet (HTML) - Sipex Corporation


HS7541AJN Product details

DESCRIPTION…
The HS7541A is a low–cost, high stability monolithic 12–bit CMOS 4–quadrant multiplying DAC. It is constructed using a proprietary low–TCR thin–film process that requires no laser–trimming to achieve 12–bit performance. The HS7541A is a superior pin–compatible replacement for the industry standard 7541 and AD7541A. It is available in both commercial and industrial temperature ranges. It operates with +5V to +15V power supply voltages. It is available in 18–pin plastic DIP and SOIC, and 20–pin PLCC packages.

■ ±0.5 LSB DNL and INL
■ High Stability, Segmented Architecture (3 MSB’s)
■ Proprietary, Low TCR Thin–Film Resistor Technology
■ Low Sensitivity to Output Amplifier Offset
■ 2KV ESD Protection on All Digital Inputs
■ Operates With +5V to +15V Power Supplies
■ AD7541/7541A Replacement
■ Low Cost




Similar Part No. - HS7541AJN

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS75 OHMITE-HS75 Datasheet
352Kb / 2P
Wound to maximise High Pulse Capability
HS75 OHMITE-HS75 Datasheet
352Kb / 2P
HS Aluminium Housed Resistors
logo
Arcol UK Ltd
HS75 ARCOL-HS75 Datasheet
348Kb / 2P
HS Aluminium Housed Resistors
12/14.08
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
14-Bit Multiplying DACs
More results


Similar Description - HS7541AJN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7541A AD-AD7541A Datasheet
227Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
12-Bit, Buffered, Multiplying CMOS DAC
August 1997
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Intersil Corporation
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
CMOS, 12-Bit, Monolithic Multiplying DAC
20-Mar-2017
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com