Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7545 Datasheet (PDF) - Intersil Corporation

AD7545 Datasheet PDF - Intersil Corporation
Part # AD7545
Download  AD7545 Download
File Size   111.19 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, Buffered, Multiplying CMOS DAC

AD7545 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7545 Datasheet PDF - Intersil Corporation

Part # AD7545
Download  AD7545 Click to download

File Size   111.19 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12-Bit, Buffered, Multiplying CMOS DAC

AD7545 Datasheet (HTML) - Intersil Corporation


AD7545 Product details

Description
The AD7545 is a low cost monolithic 12-bit, CMOS
multiplying DAC with on-board data latches. Data is loaded
in a single 12-bit wide word which allows interfacing directly
to most 12-bit and 16-bit bus systems. Loading of the input
latches is under the control of the CS and WR inputs. A logic
low on these control inputs makes the input latches transparent allowing direct unbuffered operation of the DAC.

Features
• 12-Bit Resolution
• Low Gain T.C. 2ppm/oC (Typ)
• Fast TTL/CMOS Compatible Data Latches
• Single +5V to +15V Supply
• Low Power
• Low Cost
• /883 Processed Versions Available




Similar Part No. - AD7545

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
AD7545 AD-AD7545 Datasheet
198Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. A
AD7545 AD-AD7545 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545A AD-AD7545A Datasheet
317Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
309Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. C
More results


Similar Description - AD7545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545A AD-AD7545A Datasheet
317Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
12-Bit, Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
AD7545 AD-AD7545 Datasheet
198Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. A
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
CMOS 8-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com