Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7545 Datasheet (PDF) - Analog Devices

AD7545 Datasheet PDF - Analog Devices
Part # AD7545
Download  AD7545 Download
File Size   198.16 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 12-Bit Buffered Multiplying DAC

AD7545 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7545 Datasheet PDF - Analog Devices

Part # AD7545
Download  AD7545 Click to download

File Size   198.16 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 12-Bit Buffered Multiplying DAC

AD7545 Datasheet (HTML) - Analog Devices


AD7545 Product details

GENERAL DESCRIPTION
The AD7545 is a monolithic 12-bit CMOS multiplying DAC with onboard data latches. It is loaded by a single 12-bit wide word and directly interfaces to most 12- and 16-bit bus systems.

FEATURES
   12-Bit Resolution
   Low Gain TC: 2 ppm/°C typ
   Fast TTL Compatible Data Latches
   Single +5 V to +15 V Supply
   Small 20-Lead 0.3" DIP and 20-Terminal Surface Mount
      Packages
   Latch Free (Schottky Protection Diode Not Required)
   Low Cost
   Ideal for Battery Operated Equipment




Similar Part No. - AD7545

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
AD7545 AD-AD7545 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545A AD-AD7545A Datasheet
317Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
309Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. C
More results


Similar Description - AD7545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545A AD-AD7545A Datasheet
317Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
12-Bit, Buffered, Multiplying CMOS DAC
August 1997
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
12-Bit, Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
CMOS 8-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com