Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3222EH Datasheet (PDF) - Sipex Corporation

SP3222EH Datasheet PDF - Sipex Corporation
Part # SP3222EH
Download  SP3222EH Download
File Size   174.06 Kbytes
Page   19 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V, 460 Kbps RS-232 Transceivers

SP3222EH Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3222EH Datasheet PDF - Sipex Corporation

Part # SP3222EH
Download  SP3222EH Click to download

File Size   174.06 Kbytes
Page   19 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V, 460 Kbps RS-232 Transceivers

SP3222EH Datasheet (HTML) - Sipex Corporation


SP3222EH Product details

DESCRIPTION

The SP3222EH and the 3232EH are 2 driver/2 receiver RS-232 transceiver solutions intended for portable or hand-held applications such as notebook or palmtop computers. Their data transmission rate of 460Kbps meeting the demands of high speed RS-232 applications. Both ICS have a high-efficiency, charge-pump power supply that requires only 0.1µF capacitors for 3.3V operation. The charge pump allows the SP3222EH and the 3232EH series to deliver true RS-232 performance from a single power supply ranging from +3.3V to +5.0V. The ESD tolerance of the SP3222EH/3232EH devices exceeds +15kV for both Human Body Model and IEC1000-4-2 Air discharge test methods.



FEATURES

■Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply

■Interoperable with RS-232 down to +2.7V power source

■1 µA Low-Power Shutdown with Receivers Active (SP3222EH)

■Enhanced ESD Specifications:

   +15kV Human Body Model

   +15kV IEC1000-4-2 Air Discharge

   +8kV IEC1000-4-2 Contact Discharge

■460Kbps Minimum Transmission Rate

■Ideal for Handheld, Battery Operated Applications



 




Similar Part No. - SP3222EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
179Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EHCA SIPEX-SP3222EHCA Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EHCA SIPEX-SP3222EHCA Datasheet
179Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EHCA/TR SIPEX-SP3222EHCA/TR Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
More results


Similar Description - SP3222EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
3.3V, 460 Kbps RS-232 Transceivers
logo
Texas Instruments
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318 TI-MAX3318 Datasheet
178Kb / 18P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
3.3V, 1000 kbps RS-232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com