Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3222EU Datasheet (PDF) - Sipex Corporation

SP3222EU Datasheet PDF - Sipex Corporation
Part # SP3222EU
Download  SP3222EU Download
File Size   139.09 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V, 1000 Kbps RS-232 Transceivers

SP3222EU Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3222EU Datasheet PDF - Sipex Corporation

Part # SP3222EU
Download  SP3222EU Click to download

File Size   139.09 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.3V, 1000 Kbps RS-232 Transceivers

SP3222EU Datasheet (HTML) - Sipex Corporation


SP3222EU Product details

DESCRIPTION
The SP3222EU and the SP3232EU are 2 driver, 2 receiver RS-232 transceiver solutions intended for portable or hand-held applications such as notebook or palmtop computers. Their data transmission rate of 1000 kbps meets the demands of high speed RS-232 applications. Both ICs have a high-efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump allows the SP3222EU and the 3232EU to deliver true RS-232 performance from a single power supply ranging from +3.0V to +5.5V. The ESD tolerance of the SP3222EU/3232EU devices are over ±15kV for both Human Body Model and IEC1000-4-2 Air discharge test methods.

FEATURES
■ Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA - 232 and adheres to EIA/TIA - 562 down to a +2.7V power source
■ 1µA Low-Power Shutdown with Receivers Active (SP3222EU)
■ Enhanced ESD Specifications: ±15kV Human Body Model ±15kV IEC1000-4-2 Air Discharge ±8kV IEC1000-4-2 Contact Discharge
■ 1000 kbps Minimum Transmission Rate
■ Ideal for Handheld, Battery Operated Applications




Similar Part No. - SP3222EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
3.3V, 1000 kbps RS-232 Transceivers
logo
Sipex Corporation
SP3222EUCA SIPEX-SP3222EUCA Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3222EUCA/TR SIPEX-SP3222EUCA/TR Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3222EUCP SIPEX-SP3222EUCP Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
More results


Similar Description - SP3222EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
3.3V, 1000 kbps RS-232 Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com