Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4172 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N4172 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N4172
Download  2N4172 Download
File Size   131.5 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 400V TO 499.9V

2N4172 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4172 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N4172
Download  2N4172 Click to download

File Size   131.5 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 400V TO 499.9V

2N4172 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N4172 Product details

Silicon Controlled Rectifiers Reverse Blocking Trlode Thyristors

and military applications. Offered In a choice of space-saving, economical packages for mounting versatility.

• Uniform Low-Level Noise-Immune Gate Triggering — IGT = 10 mA (Typ) @ TC = 25°C
• Low Forward "On" Voltage — VT - 1 V (Typ) @ 5 Amp @ 25°C
• High Surge-Current Capability — ITSM = 100 Amp Peak
• Shorted Emitter Construction




Similar Part No. - 2N4172

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4172 CENTRAL-2N4172 Datasheet
57Kb / 1P
SCRs
logo
Motorola, Inc
2N4172 MOTOROLA-2N4172 Datasheet
185Kb / 4P
SILICON CONTROLLED RECTIFIERS
logo
Digitron Semiconductors
2N4172 DIGITRON-2N4172 Datasheet
1Mb / 4P
SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N4172 NJSEMI-2N4172 Datasheet
77Kb / 2P
Silicon Controlled Rectifiers
More results


Similar Description - 2N4172

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
SCR, V (DRM) = 100V TO 199.9 V
2N3562 NJSEMI-2N3562 Datasheet
103Kb / 1P
SCR, V(DRM) = 200V TO 299.9V
2N3653 NJSEMI-2N3653 Datasheet
88Kb / 1P
SCR, V(DRM) = 400V TO 499.9V
2N4108 NJSEMI-2N4108 Datasheet
82Kb / 1P
SCR, V(DRM) = 50V TO 99.9V
2N4173 NJSEMI-2N4173 Datasheet
117Kb / 1P
SCR, V(DRM) = 500V TO 599.9V
2N4174 NJSEMI-2N4174 Datasheet
131Kb / 1P
SCR, V(DRM) == 600V TO 699.9V
2N4188 NJSEMI-2N4188 Datasheet
110Kb / 1P
SCR, V(DRM) = 400V TO 499.9V
2N4216 NJSEMI-2N4216 Datasheet
109Kb / 1P
SCR, V(DRM) = 200V TO 299.9V
2N5171 NJSEMI-2N5171 Datasheet
109Kb / 1P
SCR, V(DRM) = 600V TO 699.9V
2N6073B NJSEMI-2N6073B Datasheet
68Kb / 1P
TRIAC, V(DRM) = 400V TO 499.9V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com