Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6073B Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6073B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6073B
Download  2N6073B Download
File Size   68.63 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRIAC, V(DRM) = 400V TO 499.9V

2N6073B Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6073B Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6073B
Download  2N6073B Click to download

File Size   68.63 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description TRIAC, V(DRM) = 400V TO 499.9V

2N6073B Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6073B Product details

• Peek Gate Trigger Current
    Main Terminal Voltage = 12 Vdc, RL = 100 ohms




Similar Part No. - 2N6073B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6073B MOTOROLA-2N6073B Datasheet
118Kb / 6P
TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
logo
ON Semiconductor
2N6073B ONSEMI-2N6073B Datasheet
119Kb / 8P
Sensitive Gate Triacs
March, 2008 - Rev. 8
logo
Central Semiconductor C...
2N6073B CENTRAL-2N6073B Datasheet
81Kb / 2P
SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
ON Semiconductor
2N6073B ONSEMI-2N6073B Datasheet
75Kb / 8P
Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
logo
Digitron Semiconductors
2N6073B DIGITRON-2N6073B Datasheet
980Kb / 4P
SENSITIVE GATE TRIACS
More results


Similar Description - 2N6073B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
SCR, V (DRM) = 100V TO 199.9 V
2N1774 NJSEMI-2N1774 Datasheet
111Kb / 1P
SCR, V (DRM) = 200V TO 299.9 V
2N3653 NJSEMI-2N3653 Datasheet
88Kb / 1P
SCR, V(DRM) = 400V TO 499.9V
2N4172 NJSEMI-2N4172 Datasheet
131Kb / 1P
SCR, V(DRM) = 400V TO 499.9V
2N4188 NJSEMI-2N4188 Datasheet
110Kb / 1P
SCR, V(DRM) = 400V TO 499.9V
2N5443 NJSEMI-2N5443 Datasheet
115Kb / 1P
TRIAC, V(DRM) = 600V TO 699.9V
2N5444 NJSEMI-2N5444 Datasheet
83Kb / 1P
TRIAC, V(DRM) = 200V TO 299.9V
2N5446 NJSEMI-2N5446 Datasheet
135Kb / 1P
TRIAC, V(DRM) = 600V TO 699.9V
2N5573 NJSEMI-2N5573 Datasheet
92Kb / 1P
TRIAC, V(DRM) = 200V TO 299.9V
2N5809 NJSEMI-2N5809 Datasheet
76Kb / 1P
TRIAC, V(DRM) = 600V TO 699.9V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com