Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6075 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6075 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6075
Download  2N6075 Download
File Size   133.6 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description REPETITIVE PEAK OFF-STATE VOLTAGE

2N6075 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6075 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6075
Download  2N6075 Click to download

File Size   133.6 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description REPETITIVE PEAK OFF-STATE VOLTAGE

2N6075 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6075 Product details

• Peek Gate Trigger Current
    Main Terminal Voltage = 12 Vdc, RL = 100 ohms




Similar Part No. - 2N6075

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6075 CENTRAL-2N6075 Datasheet
81Kb / 2P
SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
84Kb / 1P
PEEK GATE TRIGGER CURRENT
logo
Apollo Electron Co., Lt...
2N6075 APOLLOELECTRON-2N6075 Datasheet
4Mb / 6P
Sensitive Gate Triac
logo
Digitron Semiconductors
2N6075 DIGITRON-2N6075 Datasheet
980Kb / 4P
SENSITIVE GATE TRIACS
logo
Motorola, Inc
2N6075A MOTOROLA-2N6075A Datasheet
118Kb / 6P
TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
More results


Similar Description - 2N6075

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
NXP Semiconductors
BT137X-600D NXP-BT137X-600D Datasheet
114Kb / 8P
Repetitive peak off-state voltages
June 2001
logo
Apollo Electron Co., Lt...
TF12A60 APOLLOELECTRON-TF12A60 Datasheet
1Mb / 6P
Repetitive Peak Off-State Voltage : 600V
logo
SemiHow Co.,Ltd.
HTX2-600 SEMIHOW-HTX2-600 Datasheet
309Kb / 6P
Repetitive Peak Off-State Voltage: 600V
HTA55A160BW SEMIHOW-HTA55A160BW Datasheet
409Kb / 4P
Repetitive Peak Off-State Voltage
HTH40A80BW SEMIHOW-HTH40A80BW Datasheet
384Kb / 4P
Repetitive Peak Off-State Voltage
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
Repetitive Peak Off-State Voltage
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
Repetitive Peak Off-State Voltage
logo
STMicroelectronics
P010XX STMICROELECTRONICS-P010XX Datasheet
178Kb / 12P
Repetitive peak off-state voltage up to 600 V
April 2014 Rev 2
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
Off-state repetitive peak voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com