Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P010XX Datasheet (PDF) - STMicroelectronics

P010XX Datasheet PDF - STMicroelectronics
Part # P010XX
Download  P010XX Download
File Size   178.36 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Repetitive peak off-state voltage up to 600 V

P010XX Datasheet (PDF)

Go To PDF Page Download Datasheet
P010XX Datasheet PDF - STMicroelectronics

Part # P010XX
Download  P010XX Click to download

File Size   178.36 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Repetitive peak off-state voltage up to 600 V

P010XX Datasheet (HTML) - STMicroelectronics


P010XX Product details

Description
Thanks to highly sensitive triggering levels, the P010XX SCR series is suitable for all applications where available gate current is limited, such as ground fault circuit interrupters, pilot circuits in solid state relays, stand-by mode power supplies, smoke and alarm detectors.
   
Features
• On-state rms current, 0.8 A
• Repetitive peak off-state voltage up to 600 V
• Triggering gate current from 5 to 200 µA
• ECOPACK® 2 compliant component
   




Similar Part No. - P010XX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P010-012 TRIPPLITE-P010-012 Datasheet
163Kb / 2P
Desktop Computer Power Cable, NEMA 5-15P to C13 - 10A, 125V, 18 AWG, 12 ft., Black
logo
Pulse A Technitrol Comp...
P0100 PULSE-P0100 Datasheet
74Kb / 1P
LOW PROFILE SELF-LEADED POWER INDUCTORS Designed for PCMCIA Applications
logo
E-SWITCH
P010001 E-SWITCH-P010001 Datasheet
87Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010002 E-SWITCH-P010002 Datasheet
42Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010003 E-SWITCH-P010003 Datasheet
58Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - P010XX

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
NXP Semiconductors
BT137X-600D NXP-BT137X-600D Datasheet
114Kb / 8P
Repetitive peak off-state voltages
June 2001
logo
Apollo Electron Co., Lt...
TF12A60 APOLLOELECTRON-TF12A60 Datasheet
1Mb / 6P
Repetitive Peak Off-State Voltage : 600V
logo
SemiHow Co.,Ltd.
HTX2-600 SEMIHOW-HTX2-600 Datasheet
309Kb / 6P
Repetitive Peak Off-State Voltage: 600V
HTA55A160BW SEMIHOW-HTA55A160BW Datasheet
409Kb / 4P
Repetitive Peak Off-State Voltage
HTH40A80BW SEMIHOW-HTH40A80BW Datasheet
384Kb / 4P
Repetitive Peak Off-State Voltage
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
Repetitive Peak Off-State Voltage
MCK22-8 SEMIHOW-MCK22-8 Datasheet
379Kb / 4P
Repetitive Peak Off-State Voltage
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
Off-state repetitive peak voltage
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com