Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P010XX Datasheet(PDF) 5 Page - STMicroelectronics

Part # P010XX
Description  Repetitive peak off-state voltage up to 600 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P010XX Datasheet(HTML) 5 Page - STMicroelectronics

  P010XX Datasheet HTML 1Page - STMicroelectronics P010XX Datasheet HTML 2Page - STMicroelectronics P010XX Datasheet HTML 3Page - STMicroelectronics P010XX Datasheet HTML 4Page - STMicroelectronics P010XX Datasheet HTML 5Page - STMicroelectronics P010XX Datasheet HTML 6Page - STMicroelectronics P010XX Datasheet HTML 7Page - STMicroelectronics P010XX Datasheet HTML 8Page - STMicroelectronics P010XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID15197 Rev 2
5/12
P010xx
Characteristics
12
Figure 1. Maximum average power dissipation
versus average on-state current P010xxA and
P010xxN
Figure 2. Maximum average power dissipation
versus average on-state current P010xxL
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
P(W)
α = 180°
360°
α
I(A)
T(AV)
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
P(W)
I(A)
T(AV)
α = 180°
360°
α
Figure 3. Average and DC on-state current
versus lead temperature
P010xxA and P010xxN
Figure 4. Average and DC on-state current
versus ambient temperature P010xxA and
P010xxN
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
I(A)
T(AV)
T
(°C)
lead
α = 180° (SOT-223)
α = 180° (TO-92)
D.C. (SOT-223)
D.C. (TO-92)
0
25
50
75
100
125
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
I(A)
T(AV)
T
(°C)
amb
α = 180° (SOT-223)
α = 180° (TO-92)
D.C. (SOT-223)
D.C. (TO-92)
Device mounted on
FR4 with recomended
pad layout for SOT-223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com