Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P010XX Datasheet(PDF) 9 Page - STMicroelectronics

Part # P010XX
Description  Repetitive peak off-state voltage up to 600 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P010XX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button P010XX Datasheet HTML 4Page - STMicroelectronics P010XX Datasheet HTML 5Page - STMicroelectronics P010XX Datasheet HTML 6Page - STMicroelectronics P010XX Datasheet HTML 7Page - STMicroelectronics P010XX Datasheet HTML 8Page - STMicroelectronics P010XX Datasheet HTML 9Page - STMicroelectronics P010XX Datasheet HTML 10Page - STMicroelectronics P010XX Datasheet HTML 11Page - STMicroelectronics P010XX Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DocID15197 Rev 2
9/12
P010xx
Package information
12
Figure 17. Footprint (dimensions in mm)
Figure 18. Footprint (dimensions in mm)
Table 10. SOT23-3L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.6
0.047
0.063
H
2.1
2.75
0.083
0.108
L
0.6 typ.
0.024 typ.
S
0.35
0.65
0.014
0.026
3.25
1.32
7.80
5.16
1.32
2.30
0.95
A1
A
L
H
B
E
D
e
e1
S
c
0.95
0.61
1.26
3.25
0.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com