Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6490 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6490 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6490
Download  2N6490 Download
File Size   236.74 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SILICON N-P-N AND P-N-P EPITAXIAL-BASE VERSAWATT TRANSISTORS

2N6490 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6490 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6490
Download  2N6490 Click to download

File Size   236.74 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SILICON N-P-N AND P-N-P EPITAXIAL-BASE VERSAWATT TRANSISTORS

2N6490 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6490 Product details

COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS

... designedfor use In general-purpose amplifier and switching applications.

FEATURES:
* Collector-Emitter Sustaining Vottage
    VCEO(sus) = 40 V (Min) -2N6486, 2N6489
                       = 60 V (Min) -2N6487, 2N6490
                       = 80 V (Min) -2N6488, 2N6491
* DC Current Gain Specified to 15 Ampers
    hFE = 20-150 @IC =5.0A
            = 5.0(Min) @ IC=15A




Similar Part No. - 2N6490

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6490 MOSPEC-2N6490 Datasheet
190Kb / 4P
POWER TRANSISTORS(15A,75W)
logo
ON Semiconductor
2N6490 ONSEMI-2N6490 Datasheet
151Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N6490 STMICROELECTRONICS-2N6490 Datasheet
52Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Apr-1999
logo
Boca Semiconductor Corp...
2N6490 BOCA-2N6490 Datasheet
26Kb / 2P
NPN/PNP PLASTIC POWER TRANSISTORS
logo
Central Semiconductor C...
2N6490 CENTRAL-2N6490 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
More results


Similar Description - 2N6490

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6106 BOCA-2N6106 Datasheet
101Kb / 3P
EPITAXIAL-BASE, SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
2N6476 BOCA-2N6476 Datasheet
101Kb / 3P
Epitaxial-Base, Silicon N-P-N and P-N-P VERSAWATT Transistors
logo
Intersil Corporation
BD795 INTERSIL-BD795 Datasheet
138Kb / 3P
EPITAXIAL-BASE,SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
logo
NXP Semiconductors
BUW64A PHILIPS-BUW64A Datasheet
295Kb / 6P
HIGH-CURRENT, SILICON N-P-N VERSAWATT TRANSISTORS
logo
GE Solid State
RCA3054 GESS-RCA3054 Datasheet
266Kb / 5P
SILICON N-P-N VERSAWATT TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5954 NJSEMI-2N5954 Datasheet
203Kb / 2P
Silicon N-P-N and P-N-P Medium-Power Transistors
40406 NJSEMI-40406 Datasheet
346Kb / 2P
Silicon N-P-N and P-N-P Power Transistors
2N6099 NJSEMI-2N6099 Datasheet
248Kb / 2P
SILICON N-P-N VERSAWATT TRANSISTORS
2N6702 NJSEMI-2N6702 Datasheet
138Kb / 1P
HIGH-CURRENT, SILICON N-P-N VERSAWATT TRANSISTORS
2N5781 NJSEMI-2N5781_16 Datasheet
145Kb / 2P
Silicon N-P-N and P-N-P Epitaxial-Base Complementary-Symmetry Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com