Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6120 Datasheet (PDF) - Sipex Corporation

SP6120 Datasheet PDF - Sipex Corporation
Part # SP6120
Download  SP6120 Download
File Size   145.2 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters

SP6120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6120 Datasheet PDF - Sipex Corporation

Part # SP6120
Download  SP6120 Click to download

File Size   145.2 Kbytes
Page   13 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters

SP6120 Datasheet (HTML) - Sipex Corporation


SP6120 Product details

DESCRIPTION
The SP6120 is a fixed frequency, voltage mode, synchronous PWM controller designed to work from a single 5V or 3.3V input supply. Sipexs unique "AnyFETTM"Technology allows the SP6120 to be used for resolving a multitude of price/performance trade-offs. It is separated from the PWM controller market by being the first controller to offer precision, speed, flexibility, protection and efficiency over a wide range of operating conditions.
FEATURES

■ Optimized for Single Supply, 3V - 5.5V Applications
■ High Efficiency: Greater Than 95% Possible
■ "AnyFETTM" Technology: Capable Of Switching Either PFET Or NFET High Side Switch
■ Selectable Discontinuous or Continuous Conduction Mode For Use In Battery Or Bus Applications
■ Fast Transient Response
■ 16-Pin TSSOP, Small Size
■ Accurate 1% Reference Over Line, Load and Temperature
■ Accurate 10% Frequency
■ Accurate, Rail to Rail, 43mV, Over-Current Sensing
■ Resistor Programmable Frequency
■ Resistor Programmable Output Voltage
■ Capacitor Programmable Soft Start
■ Low Quiescent Current: 950µA, 10µA in Shutdown
■ Hiccup Over-Current Protection

APPLICATIONS
■ DSP
■ Microprocessor Core
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power




Similar Part No. - SP6120

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
logo
Exar Corporation
SP6120 EXAR-SP6120 Datasheet
220Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller
logo
Sipex Corporation
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120BCY SIPEX-SP6120BCY Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
More results


Similar Description - SP6120

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6122 SIPEX-SP6122 Datasheet
131Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6120 EXAR-SP6120 Datasheet
220Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com