Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6128A Datasheet (PDF) - Sipex Corporation

SP6128A Datasheet PDF - Sipex Corporation
Part # SP6128A
Download  SP6128A Download
File Size   125.45 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters

SP6128A Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6128A Datasheet PDF - Sipex Corporation

Part # SP6128A
Download  SP6128A Click to download

File Size   125.45 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters

SP6128A Datasheet (HTML) - Sipex Corporation


SP6128A Product details

DESCRIPTION
The SP6128A is a fixed frequency, voltage mode, synchronous PWM controller designed to work from a single 5V or 3.3V input supply, providing excellent AC and DC regulation for high efficiency power conversion. Requiring only few external components, the SP6128A packaged in an 14-pin TSSOP, is especially suited for low voltage applications where cost, small size and high efficiency are critical. The operating frequency is internally set to 300kHz, allowing small inductor values and minimizing PC board space. The SP6128A drives two N-channel power MOSFETs for improved efficiency and includes an accurate 0.8V reference for low output voltage applications.

■ Optimized for Single Supply, 3V - 5.5V Applications
■ High Efficiency: Greater Than 95% Possible
■ Discontinuous Startup for Precharged Output
■ Accurate Fixed 300kHz Frequency Operation
■ Fast Transient Response
■ Internal Soft Start Circuit
■ Accurate 0.8V Reference Allows Low Output Voltages
■ Resistor Programmable Output Voltage
■ Resistor Programmable Overcurrent Threshold
■ Loss-less Current Limit with High Side RDS(ON) Sensing
■ Hiccup Mode Current Limit Protection
■ Dual N-Channel MOSFET Synchronous Driver
■ Quiescent Current: 500µA, 30µA in Shutdown
■ 14 pin TSSOP

APPLICATIONS
■ DSP
■ Microprocessor Core
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power




Similar Part No. - SP6128A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Sipex Corporation
SP6128AB SIPEX-SP6128AB Datasheet
386Kb / 10P
Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
SP6128ACY SIPEX-SP6128ACY Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128ACY EXAR-SP6128ACY Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
More results


Similar Description - SP6128A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
2A Synchronous Step-Down DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com