Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6128AB Datasheet (PDF) - Sipex Corporation

SP6128AB Datasheet PDF - Sipex Corporation
Part # SP6128AB
Download  SP6128AB Download
File Size   386.93 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A

SP6128AB Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6128AB Datasheet PDF - Sipex Corporation

Part # SP6128AB
Download  SP6128AB Click to download

File Size   386.93 Kbytes
Page   10 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A

SP6128AB Datasheet (HTML) - Sipex Corporation


SP6128AB Product details

DESCRIPTION:
The SP6128A demo board design is non-isolated dc-dc SIP module with a very high efficiency at 10A output. It has smallest size comparing with the current market products with the same power range and low EMI. Standard features include remote ON/OFF with the customer selectable positive and negative control, output voltage adjustment, soft start, over current and over temperature protection. This demo board proves that SP6128A is a high performance, but yet easy to use synchronous buck controller. It simplifies low voltage DC to DC power supply designs without compromising performance.

FEATURES:
◾ High Efficiency: 94.5% at 3.3V output,10A
◾ Small size and very low profile
    43.2mm×7.25mm×13.97mm
    (1.7in×0.285in×0.55in)
◾ 3V to 5.5V input voltage
◾ All ceramic capacitors design
◾ Negative or Positive remote On/Off
◾ Thermal shut down protection
◾ Low output ripple max 20mV
◾ Output voltage adjustable with the trim function
◾ Low EMI noise
◾ Short circuit and over current protection using Hiccup mode and auto-restart
◾ Build in UVLO function
◾ Wide operation temperature range
    -40°C to +85°C
◾ ± 0.1% line regulation & ± 0.3% load regulation
    -40°C to +85°C




Similar Part No. - SP6128AB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Sipex Corporation
SP6128ACY SIPEX-SP6128ACY Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
logo
Exar Corporation
SP6128ACY EXAR-SP6128ACY Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
More results


Similar Description - SP6128AB

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
Non-Isolated 10A SIP DC/DC Converters
logo
SynQor Worldwide Headqu...
NQ03009VMA15NRS SYNQOR-NQ03009VMA15NRS Datasheet
1Mb / 17P
15A Non-Isolated DC/DC Converter in SIP configuration
logo
Lineage Power Corporati...
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
Naos Raptor 10A: Non-Isolated DC-DC Power Modules
logo
Delta Electronics, Inc.
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNM24S0B0R10NFB DELTA-DNM24S0B0R10NFB Datasheet
412Kb / 13P
Non-Isolated Point of Load DC/DC Power Modules: 20-30Vin, 5-15V/10A out
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com