Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6128AB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6128AB
Description  Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6128AB Datasheet HTML 1Page - Sipex Corporation SP6128AB Datasheet HTML 2Page - Sipex Corporation SP6128AB Datasheet HTML 3Page - Sipex Corporation SP6128AB Datasheet HTML 4Page - Sipex Corporation SP6128AB Datasheet HTML 5Page - Sipex Corporation SP6128AB Datasheet HTML 6Page - Sipex Corporation SP6128AB Datasheet HTML 7Page - Sipex Corporation SP6128AB Datasheet HTML 8Page - Sipex Corporation SP6128AB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SST
SSB
CHARACTERISTIC CURVE (1.8V output)
Figure 1
Figure 2
Figure 3: input ripple @ Vin=3.3V, Io=10A
Figure 4: input ripple @ Vin=5V, Io=10A
SP6128A EVAL Board Eff
88
89
90
91
92
93
94
95
01234
56789
10
Load (A)
3.3V
5V
SP6128A EVAL Board regulation
1.802
1.804
1.806
1.808
1.81
1.812
1.814
1.816
0
1234
5
678
9
10
Load(A)
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com