Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6128AB Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6128AB
Description  Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AB Datasheet(HTML) 5 Page - Sipex Corporation

  SP6128AB Datasheet HTML 1Page - Sipex Corporation SP6128AB Datasheet HTML 2Page - Sipex Corporation SP6128AB Datasheet HTML 3Page - Sipex Corporation SP6128AB Datasheet HTML 4Page - Sipex Corporation SP6128AB Datasheet HTML 5Page - Sipex Corporation SP6128AB Datasheet HTML 6Page - Sipex Corporation SP6128AB Datasheet HTML 7Page - Sipex Corporation SP6128AB Datasheet HTML 8Page - Sipex Corporation SP6128AB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Figure 5:output ripple @ Vin=3.3V Io=10A
Figure 6:output ripple @ Vin=5V Io=10A
Figure 8 startup, Ch1:Vin, Ch2:Vout,
Ch3:Iin 2A/div @Io=10A
Figure 7: startup, Ch1:Vin, Ch2:Vout,
Ch3:Iin 2A/div @Io=10A
Figure 9: output short, Ch2: COM
Ch4:Iin 5A/div@Vin=3.0V
Figure 10: output short, Ch2: COM
Ch4:Iin 5A/div@Vin=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com