Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6128AB Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6128AB
Description  Non-Isolated DC-DC SIP Modules:3.0Vdc-5.5Vdc In, 0.9Vdc-3.3Vdc out, 10A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6128AB Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6128AB Datasheet HTML 2Page - Sipex Corporation SP6128AB Datasheet HTML 3Page - Sipex Corporation SP6128AB Datasheet HTML 4Page - Sipex Corporation SP6128AB Datasheet HTML 5Page - Sipex Corporation SP6128AB Datasheet HTML 6Page - Sipex Corporation SP6128AB Datasheet HTML 7Page - Sipex Corporation SP6128AB Datasheet HTML 8Page - Sipex Corporation SP6128AB Datasheet HTML 9Page - Sipex Corporation SP6128AB Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
*short circuit protection tested at with Cin=100uF, Tantalum
Figure11: transient response, Ch1:Vout
Ch2:Iout 2A/div load change
At 5A/us from 0.4A to 5A @
Vin=3.3V
Figure12: transient response, Ch1:Vout
Ch2:Iout 2A/div load change
At 5A/us from 0.4A to 5A @
Vin=5V
Figure13: short circuit Iin RMS value
Ch2: Vin, Ch4 Iin 2A/div
Figure14: short circuit Iin RMS value
Ch2: Vin, Ch4 Iin 2A/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com