Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1202 Datasheet (PDF) - Sipex Corporation

SPX1202 Datasheet PDF - Sipex Corporation
Part # SPX1202
Download  SPX1202 Download
File Size   143.27 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 600mA Low Dropout NPN Voltage Regulator

SPX1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1202 Datasheet PDF - Sipex Corporation

Part # SPX1202
Download  SPX1202 Click to download

File Size   143.27 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 600mA Low Dropout NPN Voltage Regulator

SPX1202 Datasheet (HTML) - Sipex Corporation


SPX1202 Product details

DESCRIPTION
The SPX1202 is a low power positive-voltage regulator designed to satisfy moderate power requirements with a cost effective, small footprint solution. This device is an excellent choice for use in battery-powered applications and portable computers. The SPX1202 features very low quiescent current and a low dropout voltage of 1.1V at a full load. As output current decreases, quiescent current flows into the load, increasing efficiency. SPX1202 is available in adjustable or fixed 2.5V, 3V and 3.3V output voltages.

FEATURES
■ Guaranteed 600mA Output
■ Three Terminal Adjustable or Fixed 2.5V, 3V and 3.3V
■ Low Quiescent Current
■ Low Dropout Voltage of 1.1V at Full Load
■ 0.2% Line and 0.3% Load Regulation
■ Voltage Temperature Stability 0.05%
■ Overcurrent and Thermal Protection
■ Available Packages: SOT-223,TO-252, TO-220, and TO-263

APPLICATIONS
■ SCSI-II Active Terminator
■ Portable/ Palm Top / Notebook Computers
■ Battery Chargers
■ Disk Drives
■ Portable Consumer Equipment
■ Portable Instrumentation
■ SMPS Post-Regulator




Similar Part No. - SPX1202

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
SPX1202 SIPEX-SPX1202 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
SPX1202AT SIPEX-SPX1202AT Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1202M3 SIPEX-SPX1202M3 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
SPX1202M3 SIPEX-SPX1202M3 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
More results


Similar Description - SPX1202

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
70Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com