Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2906 Datasheet (PDF) - Advanced Monolithic Systems

AMS2906 Datasheet PDF - Advanced Monolithic Systems
Part # AMS2906
Download  AMS2906 Download
File Size   70.9 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 600mA LOW DROPOUT VOLTAGE REGULATOR

AMS2906 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2906 Datasheet PDF - Advanced Monolithic Systems

Part # AMS2906
Download  AMS2906 Click to download

File Size   70.9 Kbytes
Page   8 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 600mA LOW DROPOUT VOLTAGE REGULATOR

AMS2906 Datasheet (HTML) - Advanced Monolithic Systems


AMS2906 Product details

GENERAL DESCRIPTION
The AMS2906 series of adjustable and fixed voltage regulators are designed to provide 600mA output current and to operate down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output current, decreasing at lower load currents.

FEATURES
• Three Terminal Adjustable or Fixed Voltages* 1.5V, 1.8V, 2.5V, 2.85V, 3.3V and 5.0V
• Output Current of 600mA
• Operates Down to 1V Dropout
• Line Regulation: 0.2% Max.
• Load Regulation: 0.4% Max.
• TO-252, SOT-223 and SOT-89 packages

APPLICATIONS
• High Efficiency Linear Regulators
• Post Regulators for Switching Supplies
• 5V to 3.3V Linear Regulator
• Battery Chargers
• Sound Cards
• Power Management for Notebook
• Battery Powered Instrumentation




Similar Part No. - AMS2906

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906-1.5 ADMOS-AMS2906-1.5 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906-1.8 ADMOS-AMS2906-1.8 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906-2.5 ADMOS-AMS2906-2.5 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
AMS2906-2.85 ADMOS-AMS2906-2.85 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS2906

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1202 SEMTECH-SC1202 Datasheet
171Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
143Kb / 5P
600mA Low Dropout NPN Voltage Regulator
logo
List of Unclassifed Man...
CM1117A ETC1-CM1117A Datasheet
200Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202_07 Datasheet
1Mb / 12P
600mA Low Dropout Voltage Regulator
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_04 Datasheet
167Kb / 5P
600mA Low Dropout Positive Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117A CHAMP-CM1117A Datasheet
225Kb / 9P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Semtech Corporation
SC1202 SEMTECH-SC1202_08 Datasheet
148Kb / 6P
600mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com