Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2700 Datasheet (PDF) - Sipex Corporation

SPX2700 Datasheet PDF - Sipex Corporation
Part # SPX2700
Download  SPX2700 Download
File Size   177.36 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 700mA Low Dropout Voltage Regulators With Shutdown

SPX2700 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2700 Datasheet PDF - Sipex Corporation

Part # SPX2700
Download  SPX2700 Click to download

File Size   177.36 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 700mA Low Dropout Voltage Regulators With Shutdown

SPX2700 Datasheet (HTML) - Sipex Corporation


SPX2700 Product details

PRODUCT DESCRIPTION
The SPX2700/01/02 are a low power positive voltage regulators. The SPX2700/01/02 offers 700mA output current with a dropout voltage of only 0.5V and over temperature dropout is up to 1V. The quiescent current is 10mA at differential output of 5V and output current of 700mA. A higher quiescent current can exist when the device is in dropout mode (VIN -VOUT≤ 3V).

FEATURES
• Output Current 700mA at 3.3V and 5V
• Internal Short Circuit Current Limit
• Dropout Voltage 0.5V at 700mA Output
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Mirror Image Insertion Protection
• Unregulated DC Input Can Withstand -20V Reverse Battery and +60V Positive Transients
• Direct Replacement For LM2937 Socket

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Automotive Electronics
• Portable/ Palm Top / Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• SMPS Post-Regulator
• Voltage Reference




Similar Part No. - SPX2700

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730T-3.3 SIPEX-SPX2730T-3.3 Datasheet
171Kb / 9P
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730T-5.0 SIPEX-SPX2730T-5.0 Datasheet
171Kb / 9P
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730U-3.3 SIPEX-SPX2730U-3.3 Datasheet
171Kb / 9P
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730U-5.0 SIPEX-SPX2730U-5.0 Datasheet
171Kb / 9P
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Similar Description - SPX2700

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121 LINER-LT1121 Datasheet
269Kb / 12P
Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1121-3.3 LINER-LT1121-3.3_15 Datasheet
274Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com