Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2730 Datasheet (PDF) - Sipex Corporation

SPX2730 Datasheet PDF - Sipex Corporation
Part # SPX2730
Download  SPX2730 Download
File Size   171.46 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX2730 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2730 Datasheet PDF - Sipex Corporation

Part # SPX2730
Download  SPX2730 Click to download

File Size   171.46 Kbytes
Page   9 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX2730 Datasheet (HTML) - Sipex Corporation


SPX2730 Product details

PRODUCT DESCRIPTION
The SPX2730/31/32/33 is a 3A high accuracy, low dropout voltage regulator (370mV(Typ)@ 3A). The SPX2730/31/32/33 is designed for low voltage application that requires lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications.

FEATURES
• Adjustable Output Down To 1.2V
• 1% output accuracy @ 3.3V, 5.0V
• Output Current of 3A
• Low Dropout Voltage 370mV(Typ.) @ 3A.
• Extremely Tight Load And Line Regulation
• Extremely Fast Transient Response
• Standard 3-Terminal Low Cost TO-220, TO-263
• Reverse-battery and “Load Dump” Protection
• Zero Current Shutdown Mode (5-Pin Versions)
• Error Flag Signal Output Out-of Regulation (5-Pin Versions)

APPLICATIONS
• Powering VGA & Sound Card
• Power PCSupplies
• SMPS Post-Regulator
• High Efficiency “Green” Computer Systems
• High Efficiency Linear Power Supplies
• Portable Instrumentation
• Constant Current Regulators
• Adjustable Power Supplies
• Battery charger




Similar Part No. - SPX2730

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2700 SIPEX-SPX2700 Datasheet
177Kb / 11P
700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-3.3 SIPEX-SPX2700AM3-3.3 Datasheet
177Kb / 11P
700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-5.0 SIPEX-SPX2700AM3-5.0 Datasheet
177Kb / 11P
700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-3.3 SIPEX-SPX2700AT3-3.3 Datasheet
177Kb / 11P
700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-5.0 SIPEX-SPX2700AT3-5.0 Datasheet
177Kb / 11P
700mA Low Dropout Voltage Regulators With Shutdown
More results


Similar Description - SPX2730

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com