Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1582 Datasheet (PDF) - Sipex Corporation

SPX1582 Datasheet PDF - Sipex Corporation
Part # SPX1582
Download  SPX1582 Download
File Size   147.82 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed

SPX1582 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1582 Datasheet PDF - Sipex Corporation

Part # SPX1582
Download  SPX1582 Click to download

File Size   147.82 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed

SPX1582 Datasheet (HTML) - Sipex Corporation


SPX1582 Product details

DESCRIPTION
The SPX1582 is a 3A Low Dropout Regulator with extremely low dropout voltage. The adjustable version requires only two external resistors to set the output voltage. The fixed version has a preset output of 3.3V, 2.8V or 2.5V and does not require any external resistors. The SPX1582 features a low dropout of 400mV(Typ.) and offers fast transient response. This device is suitable for Pentium applications requiring 2.8V, 2.5V from 3.3V ATX power supplies, where low current input voltage 1V greater than the output voltage is needed. With an external sense pin the load regulation is less than 1mV. This device is an excellent choice for the use in powering low voltage microprocessors that require a lower dropout, fast transient response to regulate from 3.3V and 5V supplies. The SPX1582 is also an excellent choice as a post regulator for switching supply applications.

FEATURES
■ Low Dropout Voltage 500mV at 3A Full Load Current
■ Adjustable Ouput Down to 1.25V from ATX Power Supply
■ Fixed Output Voltages of 3.3V and 2.5V
■ Extremely Tight Load and Line Regulation
■ Standard 5-Terminal Low Cost TO-220 and TO-263

APPLICATIONS
■ 3.3V to 2.8V ATX Power Supplies
■ 3.3V to 2.9V for Portable PENTIUMTM Processor
■ 5V to 3.5V VRE Supply
■ High efficiency "Green" Computer Systems




Similar Part No. - SPX1582

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1582 EXAR-SPX1582 Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1582T5 SIPEX-SPX1582T5 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5 SIPEX-SPX1582T5 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
More results


Similar Description - SPX1582

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com