Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1580 Datasheet (PDF) - Sipex Corporation

SPX1580 Datasheet PDF - Sipex Corporation
Part # SPX1580
Download  SPX1580 Download
File Size   148.22 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed

SPX1580 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1580 Datasheet PDF - Sipex Corporation

Part # SPX1580
Download  SPX1580 Click to download

File Size   148.22 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed

SPX1580 Datasheet (HTML) - Sipex Corporation


SPX1580 Product details

DESCRIPTION
The SPX1580 is a 7A Low Dropout Regulator with extremely low dropout voltage. The adjustable version requires only two external resistors to set the output voltage. The fixed version has a preset output of 3.3V or 2.5V and does not require any external resistors. The SPX1580 features a low dropout of 540mV(Typ.) and offers fast transient response. This device is suitable for Pentium applications requiring 2.5V from 3.3V ATX power supplies, where a low current input voltage 1V greater than the output voltage is available. With an external sense pin the load regulation is less than 1mV. This device is an excellent choice for the use of powering low voltage microprocessors that require a lower dropout, fast transient response to regulate from 3.3V and 5V supplies. The SPX1580 is also an excellent choice as a post regulator for switching supplies applications.

FEATURES
■ Low Dropout Voltage 540mV at 7A Full Load Current
■ Adjustable Ouput Down to 1.25V from ATX Power Supply
■ Fixed Output Voltages of 3.3V and 2.5V
■ Extremely Tight Load and Line Regulation
■ Standard 5-Terminal Low Cost TO-220 and TO-263
■ Replacement to Industry Standard LT1580

APPLICATIONS
■ 3.3V ATX Power Supplies
■ 3.3V to 2.9V for Portable PENTIUMTM Processor
■ 5V to 3.5V VRE Supply
■ High efficiency "Green" Computer Systems




Similar Part No. - SPX1580

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5 SIPEX-SPX1580T5 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.5 SIPEX-SPX1580T5-2.5 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.5/TR SIPEX-SPX1580T5-2.5/TR Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-3.3 SIPEX-SPX1580T5-3.3 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Similar Description - SPX1580

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580 SIPEX-SPX1580 Datasheet
168Kb / 8P
7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com