Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1583 Datasheet (PDF) - Sipex Corporation

SPX1583 Datasheet PDF - Sipex Corporation
Part # SPX1583
Download  SPX1583 Download
File Size   147.82 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed

SPX1583 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1583 Datasheet PDF - Sipex Corporation

Part # SPX1583
Download  SPX1583 Click to download

File Size   147.82 Kbytes
Page   5 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed

SPX1583 Datasheet (HTML) - Sipex Corporation


SPX1583 Product details

PRODUCT DESCRIPTION
The SPX1583 is a 1.5A Low Dropout Regulator with extremely low dropout voltage. The adjustable version requires only two external resistors to set the output voltage. The fixed version has a preset output of 3.3V, 2.8V or 2.5V and does not require any external resistors.

FEATURES
• Low Dropout Voltage 500mV at 1.5A Full Load Current
• Adjustable Output Down to 1.2V from ATX Power Supply
• Fixed Output Voltages of 3.3V, 2.8V, 2.5V, and 1.5V
• Extremely Tight Voltage and Line Regulation
• Standard 5-Terminal Low Cost TO-220 & TO-263

APPLICATIONS
• 3.3V to 2.8V ATX Power Supplies
• 3.3V to 2.9V for Portable PENTIUM Processor
• 5V to 3.5V VRE Supply
• High Efficiency “Green” Computer Systems




Similar Part No. - SPX1583

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1583T SIPEX-SPX1583T Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-1.5 SIPEX-SPX1583T-1.5 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-2.5 SIPEX-SPX1583T-2.5 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Similar Description - SPX1583

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com