Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX1086 Datasheet (PDF) - Sipex Corporation

SPX1086 Datasheet PDF - Sipex Corporation
Part # SPX1086
Download  SPX1086 Download
File Size   194.89 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX1086 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX1086 Datasheet PDF - Sipex Corporation

Part # SPX1086
Download  SPX1086 Click to download

File Size   194.89 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

SPX1086 Datasheet (HTML) - Sipex Corporation


SPX1086 Product details

PRODUCT DESCRIPTION
The SPX1086 is a low power 1.5A adjustable and fixed voltage regulators that are very easy to use. It requires only 2 external resistors to set the output voltage for adjustable version. The SPX1086 is designed for low voltage applications that offer lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications. The SPX1086 features low dropout of a maximum 1.2 volts.

FEATURES
• Adjustable Output Down To 1.2V
• Fixed Output Voltages 1.5, 2.5, 3.3, 5.0V
• Output Current of 1.5A
• Low Dropout Voltage 1.1V Typ.
• Extremely Tight Load And Line Regulation
• Current & Thermal Limiting
• Standard 3-Terminal Low Cost TO-220, TO-263 & TO-252
• Similar To Industry Standard LT1086/LT1586

APPLICATIONS
• Powering VGA & Sound Card
• Power PC Supplies
• SMPS Post-Regulator
• High Efficiency “Green” Computer Systems
• High Efficiency Linear Power Supplies
• Portable Instrumentation
• Constant Current Regulators
• Adjustable Power Supplies
• Battery charger




Similar Part No. - SPX1086

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AT-5.0 SIPEX-SPX1083AT-5.0 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU SIPEX-SPX1083AU Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083AU-3.3 SIPEX-SPX1083AU-3.3 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1083U SIPEX-SPX1083U Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
More results


Similar Description - SPX1086

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com