Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2830 Datasheet (PDF) - Sipex Corporation

AS2830 Datasheet PDF - Sipex Corporation
Part # AS2830
Download  AS2830 Download
File Size   149.21 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

AS2830 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS2830 Datasheet PDF - Sipex Corporation

Part # AS2830
Download  AS2830 Click to download

File Size   149.21 Kbytes
Page   6 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

AS2830 Datasheet (HTML) - Sipex Corporation


AS2830 Product details

PRODUCT DESCRIPTION

The AS2830 is a low power 3A adjustable and fixed voltage regulator that is very easy to use. It requires only 2 external resistors to set the output voltage for adjustable version. The AS2830 are designed for low voltage applications that offers lower dropout voltage and faster transient response. This device is an excellent choice for use in powering low voltage microprocessor that require a lower dropout, faster transient response to regulate from +2.5V to 3.8V supplies and as a post regulator for switching supplies applications. The AS2830 features low dropout of a maximum 1.2 volts.



FEATURES

• Adjustable Output Down To 1.2V

• Fixed Output Voltages 1.5, 2.5, 3.3, 5.0V

• Output Current Of 3A

• Low Dropout Voltage 1.1V Typ.

• Extremely Tight Load And Line Regulation

• Current & Thermal Limiting

• Standard 3-Terminal Low Cost TO-220, TO-263 & TO-252

• Similar To Industry Standard LT1085/LT1585



APPLICATIONS

• Powering VGA & Sound Card

• Power PCSupplies

• SMPS Post-Regulator

• High Efficiency “Green” Computer Systems

• High Efficiency Linear Power Supplies

• Portable Instrumentation

• Constant Current Regulators

• Adjustable Power Supplies

• Battery charger



 




Similar Part No. - AS2830

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YM3-X SIPEX-AS2810YM3-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YR-X SIPEX-AS2810YR-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YT-X SIPEX-AS2810YT-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YU-X SIPEX-AS2810YU-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Similar Description - AS2830

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com