Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2830 Datasheet(PDF) 3 Page - Sipex Corporation

Part # AS2830
Description  3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2830 Datasheet(HTML) 3 Page - Sipex Corporation

  AS2830 Datasheet HTML 1Page - Sipex Corporation AS2830 Datasheet HTML 2Page - Sipex Corporation AS2830 Datasheet HTML 3Page - Sipex Corporation AS2830 Datasheet HTML 4Page - Sipex Corporation AS2830 Datasheet HTML 5Page - Sipex Corporation AS2830 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev. 10/6/00
AS2830
APPLICATION HINTS
The AS2830 incorporates protection against over-current
faults, reversed load insertion, over temperature operation, and
positive and negative transient voltage. However, the use of
an output capacitor is required in order to improve the stability
and the performances.
Stability
The output capacitor is part of the regulator’s frequency
compensation system. Either a 22
µF aluminum electrolytic
capacitor or a 10
µF solid tantalum capacitor between the
output terminal and ground guarantees stable operation for all
operating conditions.
However, in order to minimize overshoot and undershoot, and
therefore optimize the design, please refer to the section
‘Ripple Rejection’.
Ripple Rejection
Ripple rejection can be improved by adding a capacitor
between the ADJ pin and ground as shown in figure 6. When
ADJ pin bypassing is used, the value of the output capacitor
required increases to its maximum (22
µF for an aluminum
electrolytic capacitor, or 10
µF for a solid tantalum capacitor).
If the ADJ pin is not bypass, the value of the output capacitor
can be lowered to 10
µF for an electrolytic aluminum capacitor
or 4.7
µF for a solid tantalum capacitor.
However the value of the ADJ-bypass capacitor should be
chosen with respect to the following equation:
C = 1 / (6.28 * FR * R1)
Where C
= value of the capacitor in Farads (select an
equal or larger standard value),
FR
= ripple frequency in Hz,
R1
= value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is use, the amplitude of the output
ripple will be independent of the output voltage. If an ADJ-
bypass capacitor is not used, the output ripple will be
proportional to the ratio of the output voltage to the reference
voltage:
M = VOUT / VREF
Where M = multiplier for the ripple seen when the ADJ pin
is optimally bypassed.
VREF = Reference Voltage
Reducing parasitic resistance and inductance
One solution to minimize parasitic resistance and inductance is
to connect in parallel capacitors.
This arrangement will
improve the transient response of the power supply if your
system requires rapidly changing current load condition.
Thermal Consideration
Although the AS2830 offers some limiting circuitry for
overload conditions, it is necessary not to exceed the
maximum junction temperature, and therefore to be careful
about thermal resistance. The heat flow will follow the lowest
resistance path, which is the Junction-to-case thermal
resistance. In order to insure the best thermal flow of the
component, a proper mounting is required. Note that the case
of the device is electrically connected to the output. In case
the case has to be electrically isolated, a thermally conductive
spacer can be used. However do not forget to consider its
contribution to thermal resistance.
Assuming:
VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 50
°C/W,
θ Heatsink Case = 6°C/W, θ Heatsink Case = 0.5°C/W, θ JC = 3°C/W
Power dissipation under this condition
PD = (VIN – VOUT) * IOUT = 7.5W
Junction Temperature
TJ = TA + PD * (
θ Case - HS+ θ HS + θ JC)
For the Control Sections
TJ = 50 + 7.5*(0.5 +6=3) = 121.25
°C
121.25
°C < TJ (max) for the Control & Power Sections.
In both case reliable operation is insured by adequate junction
temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com