Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2830 Datasheet(PDF) 4 Page - Sipex Corporation

Part # AS2830
Description  3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2830 Datasheet(HTML) 4 Page - Sipex Corporation

  AS2830 Datasheet HTML 1Page - Sipex Corporation AS2830 Datasheet HTML 2Page - Sipex Corporation AS2830 Datasheet HTML 3Page - Sipex Corporation AS2830 Datasheet HTML 4Page - Sipex Corporation AS2830 Datasheet HTML 5Page - Sipex Corporation AS2830 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. 10/2/00
AS2830
Basic Adjustable Regulator
Output Voltage
Consider Figure 2. The resistance R1 generates a constant
current flow, normally the specified load current of 10mA.
This current will go through the resistance R2 to set the overall
output voltage. The current IADJ is very small and constant.
Therefore its contribution to the overall output voltage is very
small and can generally be ignored.
Load Regulation
Parasitic line resistance can degrade load regulation. In order
not to affect the behavior of the regulator, it is best to connect
directly the R1 resistance from the resistor divider to the case,
and not to the load. For the same reason, it is best to connect
the resistor R2 to the Negative side of the load.
Output Voltage
The fixed voltage LDO voltage regulators are simple to use
regulators since the VOUT is preset to the specifications. It is
important however, to provide the proper output capacitance
for stability and improvement. For most operating conditions
a capacitance of 22uF tantalum or 100uF electrolytic will
ensure stability and prevent oscillation.
AS2830
Fig.2 Basic Adjustable Regulator
VOUT
V
IN
V
REF
R1
R2
V
OUT = VREF * ( 1 + R2/R1) + IADJ * R2
I
ADJ
50µA
AS2830
Fig.3 Basic Adjustable Regulator
V
IN
R
2
R
1
Connect R
2 to Load
R
L
Connect R
1 to
Case of Regulator
R
P Parasitic Line
Resistance
AS2830
Basic Fixed Regulator
V
IN
V
OUT
5V
C1
10uF
C2
10uF
3.3V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com