Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2810 Datasheet (PDF) - Sipex Corporation

AS2810 Datasheet PDF - Sipex Corporation
Part # AS2810
Download  AS2810 Download
File Size   150.69 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

AS2810 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS2810 Datasheet PDF - Sipex Corporation

Part # AS2810
Download  AS2810 Click to download

File Size   150.69 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response

AS2810 Datasheet (HTML) - Sipex Corporation


AS2810 Product details

PRODUCT DESCRIPTION
The AS2810 is a low power positive voltage regulator designed to meet 1A output current and comply with SCSI-II specifications with fix output voltage of 2.85V. This device is an excellent choice for use in battery-powered applications and portable computers. The AS2810 features very low quiescent current and very low dropout voltage of 1.2V at a full load and lower as output current decreases. This product is available as adjustable or fixed 1.5V, 2.5V, 3.0V, 3.3V, and 5V output voltages.

FEATURES
• Adjustable Output Down To 1.2V
• Fixed Output Voltages 1.5V, 2.5V, 3.0V, 3.3V, 5.0V
• Output Current Of 1A
• Low Dropout Voltage 1.2V Typ.
• Extremely Tight Load And Line Regulation
• Current & Thermal Limiting
• Standard 3-Terminal Low Cost TO-220, TO-263, TO-252 & SOT-223

APPLICATIONS
• SCSI-II Active Terminator
• Portable Palmtap/Notebook Computer
• SMPS Post-Regulator
• Disk Drives
• Portable Consumer Equipment
• Portable Instrumentation
• Battery charger




Similar Part No. - AS2810

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815YR-X SIPEX-AS2815YR-X Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815YT-X SIPEX-AS2815YT-X Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815YU-X SIPEX-AS2815YU-X Datasheet
181Kb / 9P
1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Similar Description - AS2810

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com