Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2810 Datasheet(PDF) 2 Page - Sipex Corporation

Part # AS2810
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2810 Datasheet(HTML) 2 Page - Sipex Corporation

  AS2810 Datasheet HTML 1Page - Sipex Corporation AS2810 Datasheet HTML 2Page - Sipex Corporation AS2810 Datasheet HTML 3Page - Sipex Corporation AS2810 Datasheet HTML 4Page - Sipex Corporation AS2810 Datasheet HTML 5Page - Sipex Corporation AS2810 Datasheet HTML 6Page - Sipex Corporation AS2810 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 10/2/00
AS2810
ABSOLUTE MAXIMUM RATINGS
Lead Temp. (Soldering, 10 Seconds) .............................. 300°C
Input Voltage........................................................ 10V
Storage Temperature Range ............................ -65° to +150°C
Input to Output Voltage Differential .................... 10V
Operating Junction Temperature Range ......................
AS2810 Control Section ............................ -45°C +125°C
AS2810 Power Transistor...........................-45°C +150°C
ELECTRICAL CHARACTERISTICS (NOTE 1) at I
OUT = 10mA, TA=25
°C, unless otherwise specified.
PARAMETER
CONDITIONS
Typ
AS2810A
AS2810
UNITS
Min
Max
Min
Max
1.5V Version
1.485
1.515
1.470
1.530
Output Voltage (Note 2)
AS2810-1.5V, 0 < IOUT < 1A, 3.3V<VIN<10V
1.5
1.47
1.53
1.455
1.545
V
2.5V Version
2.475
2.525
2.450
2.550
Output Voltage (Note 2)
AS2810-2.5V, 0 < IOUT < 1A, 4.0V<VIN<10V
2.5
2.45
2.55
2.425
2.575
V
2.85V Version
2.822
2.879
2.793
2.907
Output Voltage (Note 2)
AS2810-2.85V, 0
≤ IOUT ≤ 1A, 4.5V≤VIN≤10V
2.85
2.793
2.907
2.650
2.936
V
3.0V Version
2.970
3.030
2.94
3.06
Output Voltage (Note 2)
AS2810-3.0V, 0
≤ IOUT ≤ 1A, 4.5V≤VIN≤10V
3
2.940
3.060
2.79
3.09
V
3.3V Version
3.267
3.333
3.234
3.366
Output Voltage (Note 2)
AS2810-3.3V, 0
≤ IOUT ≤ 1A, 4.8V≤VIN≤10V
3.3
3.234
3.366
3.069
3.399
V
5.0V Version
4.950
5.050
4.9
5.1
Output Voltage (Note 2)
AS2810-5.0V, 0
≤ IOUT ≤ 1A, 6.5V≤VIN≤12V
5
4.900
5.100
4.65
5.15
V
All Voltage Options
1.250
Reference Voltage (VREF)
VIN
≤ 7V, P≤ Pmax
1.5V
≤ (VIN -VOUT)≤5.75V, 10mA≤IOUT≤1A
1.225
1.263
1.270
1.225
1.225
1.212
1.270
1.288
V
Min. Load Current (Note 3)
1.5V
≤ (VIN –VOUT)≤5.75V
5
10
10
mA
Line Regulation (
∆VREF(Vin))
2.75V
≤VIN ≤7V, IOUT=10mA, TJ=25ºC (Note 3)
0.005
0.2
0.2
VIN
≤7V, IOUT=0mA, TJ=25ºC (Note 2)
0.005
0.2
0.2
%
10mA
≤IOUT ≤1A, (VIN-VOUT)=3V, TJ=25ºC
(Note 3)
0.05
0.3
0.3
Load Regulation(
∆VREF(IOUT))
0
≤IOUT ≤1A, VIN=7V, TJ=25ºC (Note 2)
0.05
0.3
0.3
%
Dropout Voltage
∆VREF=1%
IOUT = 1A (Note 3)
IOUT
≤ 1A (Note 2)
1.1
1.2
1.2
VIN=7V
Current Limit
IOUT(MAX)
1.4V
≤ (VIN- VOUT) (Note3)
2
1.2
1.2
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com