Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2920 Datasheet (PDF) - Sipex Corporation

SPX2920 Datasheet PDF - Sipex Corporation
Part # SPX2920
Download  SPX2920 Download
File Size   175.46 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 400mA Low Drop Out Voltage Regulator with Shutdown

SPX2920 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2920 Datasheet PDF - Sipex Corporation

Part # SPX2920
Download  SPX2920 Click to download

File Size   175.46 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 400mA Low Drop Out Voltage Regulator with Shutdown

SPX2920 Datasheet (HTML) - Sipex Corporation


SPX2920 Product details

PRODUCT DESCRIPTION
The SPX2920 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX2920 features very low quiescent current (140µA Typ.) and very low dropout voltage. This includes a tight initial tolerance of 1% max and very low output temperature coefficient, making the SPX2920 useful as a low-power voltage reference.

FEATURES
• Output Accuracy 2.5V, 3.3V, 5.0V, @ 400mA Output
• Very Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load And Line Regulation
• Very Low Temperature Coefficient
• Current & Thermal Limiting
• Error Flag Warns Of Output Dropout
• Logic-Controlled Electronic Shutdown
• Output Programmable From 1.24V to 26V

APPLICATIONS
• Battery Powered Systems
• Cordless Telephones
• Radio Control Systems
• Portable/Palm Top/Notebook Computers
• Portable Consumer Equipment
• Portable Instrumentation
• Automotive Electronics
• SMPS Post-Regulator
• Voltage Reference




Similar Part No. - SPX2920

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920M3-3-3 SIPEX-SPX2920M3-3-3 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920M3-3-3/TR SIPEX-SPX2920M3-3-3/TR Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920M3-3.3 SIPEX-SPX2920M3-3.3 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
More results


Similar Description - SPX2920

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
logo
Unisonic Technologies
UCV676 UTC-UCV676 Datasheet
288Kb / 9P
400mA LOW-DROP VOLTAGE REGULATOR
UCV676 UTC-UCV676_18 Datasheet
301Kb / 10P
400mA LOW-DROP VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com