Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2945 Datasheet (PDF) - Sipex Corporation

SPX2945 Datasheet PDF - Sipex Corporation
Part # SPX2945
Download  SPX2945 Download
File Size   214.53 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500mA Low Drop Out Voltage Regulator with Shutdown

SPX2945 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2945 Datasheet PDF - Sipex Corporation

Part # SPX2945
Download  SPX2945 Click to download

File Size   214.53 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 500mA Low Drop Out Voltage Regulator with Shutdown

SPX2945 Datasheet (HTML) - Sipex Corporation


SPX2945 Product details

DESCRIPTION
The SPX2945 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX2945 features very low quiescent current (100µA Typ.) and very low dropout voltage. This includes a tight initial tolerance of 1% max and very low output temperature coefficient, making the SPX2945 useful as a lowpower voltage reference.

FEATURES
■ Output 3.3V, 5.0V at 400mA Output
■ Very Low Quiescent Current, 100µA
■ Low Dropout Voltage, 420mV at 400mA
■ Extremely Tight Load and Line Regulation
■ Very Low Temperature Coefficient
■ Current & Thermal Limiting
■ Error Flag Warns Of Output Dropout
■ Logic-Controlled Electronic Shutdown
■ Output Programmable From 1.24V to 20V (for SO-8)




Similar Part No. - SPX2945

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945M3-3-3 SIPEX-SPX2945M3-3-3 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945M3-3-3TR SIPEX-SPX2945M3-3-3TR Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
SPX2945M3-3.3 SIPEX-SPX2945M3-3.3 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
More results


Similar Description - SPX2945

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
STMicroelectronics
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
17-Oct-2012
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com