Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4995RKTR Datasheet (PDF) - STMicroelectronics

L4995RKTR Datasheet PDF - STMicroelectronics
Part # L4995RKTR
Download  L4995RKTR Download
File Size   1038.02 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V, 500mA low drop voltage regulator

L4995RKTR Datasheet (PDF)

Go To PDF Page Download Datasheet
L4995RKTR Datasheet PDF - STMicroelectronics

Part # L4995RKTR
Download  L4995RKTR Click to download

File Size   1038.02 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V, 500mA low drop voltage regulator

L4995RKTR Datasheet (HTML) - STMicroelectronics


L4995RKTR Product details

Description

L4995 is a family of monolithic integrated 5 V voltage regulators with a low drop voltage at currents of up to 500 mA, available in both 12 and 24 pin packages.



Features

■ Operating DC supply voltage range 5.6V to 31V

■ Low dropout voltage

■ Low quiescent current consumption

■ Reset circuit sensing of output voltage down to 1V

■ Programmable reset pulse delay with external capacitor

■ Programmable watchdog(a) timer with external capacitor

■ Thermal shutdown and short circuit protection

■ Wide temperature range (Tj = -40°C to 150°C)

■ Enable(a) input for enabling/disabling the voltage regulator



 




Similar Part No. - L4995RKTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 36P
Automotive 5V, 500mA low drop voltage regulator
17-Sep-2018
More results


Similar Description - L4995RKTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Infineon Technologies A...
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
logo
STMicroelectronics
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
17-Oct-2012
logo
IK Semicon Co., Ltd
ILE4266-2 IKSEMICON-ILE4266-2_11 Datasheet
115Kb / 5P
5V/10 V Low-Drop Voltage Regulator
logo
STMicroelectronics
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
logo
Infineon Technologies A...
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com