Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet (PDF) - Frontier Electronics.

HER201 Datasheet PDF - Frontier Electronics.
Part # HER201
Download  HER201 Download
File Size   129.93 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A ULTRA FAST RECOVERY RECTIFIER

HER201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER201 Datasheet PDF - Frontier Electronics.

Part # HER201
Download  HER201 Click to download

File Size   129.93 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A ULTRA FAST RECOVERY RECTIFIER

HER201 Datasheet (HTML) - Frontier Electronics.


HER201 Product details

FEATURES
● PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
   FLAMMABILITY CLASSIFICATION 94V-0
● ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
● LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
● LOW LEAKAGE
● HIGH SURGE CAPABILITY
● HIGH TEMPERATURE SOLDERING GUARANTEED:
   260°C 0.375” (9.5mm)LEAD LENGTHS FOR 10 SECONDS AT
   5 LBS.(2.3KG)TENSION




Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
HER201G SIRECT-HER201G Datasheet
121Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
HER201-LFR FRONTIER-HER201-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G-LFR FRONTIER-UF20-005G-LFR Datasheet
129Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005-LFR FRONTIER-UF20-005-LFR Datasheet
129Kb / 2P
2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com