Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2A Datasheet (PDF) - Frontier Electronics.

US2A Datasheet PDF - Frontier Electronics.
Part # US2A
Download  US2A Download
File Size   129.6 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER

US2A Datasheet (PDF)

Go To PDF Page Download Datasheet
US2A Datasheet PDF - Frontier Electronics.

Part # US2A
Download  US2A Click to download

File Size   129.6 Kbytes
Page   2 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER

US2A Datasheet (HTML) - Frontier Electronics.


US2A Product details

FEATURES

● LOW PROFILE PACKAGE

● PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY 94V-0

● IDEAL FOR SURFACE MOUNTED APPLICATION

● GLASS PASSIVATED CHIP JUNCTION

● BUILT-IN STRAIN RELIEF DESIGN

● ULTRA FAST RECOVERY TIME FOR HIGH EFFICIENT

● HIGH TEMPERATURE SOLDERING: 250°C/10 SECONDS AT TERMINAL



 




Similar Part No. - US2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2A SSE-US2A Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2A WEITRON-US2A Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2A DIOTEC-US2A Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2A SEMIKRON-US2A Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results


Similar Description - US2A

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
HER201G SIRECT-HER201G Datasheet
121Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
HER201 FRONTIER-HER201 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
HER201-LFR FRONTIER-HER201-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
RS2A-LFR FRONTIER-RS2A-LFR Datasheet
127Kb / 2P
2A FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS2A FRONTIER-SFS2A Datasheet
129Kb / 2P
2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS2A-LFR FRONTIER-SFS2A-LFR Datasheet
129Kb / 2P
2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A-LFR FRONTIER-US2A-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
2A ULTRA FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com