Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX2931 Datasheet (PDF) - Sipex Corporation

SPX2931 Datasheet PDF - Sipex Corporation
Part # SPX2931
Download  SPX2931 Download
File Size   147.12 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 100mA Low Dropout Voltage Regulator

SPX2931 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX2931 Datasheet PDF - Sipex Corporation

Part # SPX2931
Download  SPX2931 Click to download

File Size   147.12 Kbytes
Page   7 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 100mA Low Dropout Voltage Regulator

SPX2931 Datasheet (HTML) - Sipex Corporation


SPX2931 Product details

PRODUCT DESCRIPTION
The SPX2931 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The SPX2931 features offers very low quiescent currents (0.4 mA.), and very low drop output voltage (typ. 50 mV at light load and 300 mV at 100 mA). Other features include the logic compatible On/Off input which enables the regulator to be switched on and off. The SPX2931 is offered in a 3-pin TO-92/TO-220 package and SOT-89/SO-8 package.

FEATURES
• 3.5V, 3.3V, and 3.0V Versions are Available
• Output Current in Excess of 100 mA
• Input-Output Differential is Less Than 0.6V
• Mirror-Image Insertion Protection
• Internal Thermal Overload Protection
• Available in TO-220, TO-92, SOT-89, and SO-8 Package Types
• Available as Adjustable with TTL Compatible Switch
• Similar Improved to Industry Standard LM2931
• Reverse Battery Protection
• Short Circuit Protection
• 60V Load Dump Protection
• -20V Reverse Transient Protection

APPLICATION
• Portable Instrumentation
• Radio Control Systems
• Cordless Telephones




Similar Part No. - SPX2931

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
SPX2931AM1-3.3 SIPEX-SPX2931AM1-3.3 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
SPX2931AM1-3.3/TR SIPEX-SPX2931AM1-3.3/TR Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
SPX2931AM1-3.5 SIPEX-SPX2931AM1-3.5 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
SPX2931AM1-3.5/TR SIPEX-SPX2931AM1-3.5/TR Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
More results


Similar Description - SPX2931

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com