Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2931 Datasheet (PDF) - Advanced Monolithic Systems

AMS2931 Datasheet PDF - Advanced Monolithic Systems
Part # AMS2931
Download  AMS2931 Download
File Size   81.45 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 100mA LOW DROPOUT VOLTAGE REGULATOR

AMS2931 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2931 Datasheet PDF - Advanced Monolithic Systems

Part # AMS2931
Download  AMS2931 Click to download

File Size   81.45 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 100mA LOW DROPOUT VOLTAGE REGULATOR

AMS2931 Datasheet (HTML) - Advanced Monolithic Systems


AMS2931 Product details

GENERAL DESCRIPTION
The AMS2931 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current of 1mA or less when supplying 10mA loads. This unique characteristic and the extremely low input -output differential required for proper regulation (0.2V for output currents of 10mA) make the AMS2931 ideal to use for standby power systems.

FEATURES
• 5V and Adjustable Versions Available*
• Output Current in excess of 100mA
• Very Low Quiescent Current
• Reverse Battery Protection
• Input-output Differential less than 0.6V
• Short Circuit protection
• Internal Thermal Overload Protection
• 60V Load Dump Protection
• -50V Reverse Transient Protection
• Mirror Image Insertion Protection

APPLICATIONS
• Battery Powered Systems
• Portable Consumer Equipment
• Cordless Telephones
• Portable (Notebook) Computers
• Portable Instrumentation
• Radio Control Systems
• Automotive Electronics




Similar Part No. - AMS2931

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
AMS2931AM-X ADMOS-AMS2931AM-X Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
AMS2931AM-X ADMOS-AMS2931AM-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
Battery Powered Systems
More results


Similar Description - AMS2931

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
147Kb / 7P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com